Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download HMC370LP407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC370LP4 / 370LP4E
v03.0907
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
Typical Applications
Active Multiplier for Ku Band Applications: * Point-to-Point & VSAT Radios
Features
Output Power: 0 dBm Sub-Harmonic Suppression: >22 dBc SSB Phase Noise: -140 dBc/Hz Single Supply: 5V@ 55 mA 24 Lead 4x4 mm SMT Package: 16 mm2
7
FREQUENCY MULTIPLIERS - SMT
* Fiber Optic * Military
Functional Diagram
General Description
The HMC370LP4 & HMC370LP4E are active miniature x4 frequency multipliers utilizing InGaP GaAs HBT technology in 4x4 mm leadless surface mount packages. Power output is 0 dBm typical from a 5.0V supply voltage and varies little vs. input power, temperature and supply voltage. Suppression of undesired fundamental and sub-harmonics is >22 dBc typical with respect to output signal level. The low additive SSB phase noise of -140 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance. The HMC370LP4 & HMC370LP4E are ideal for use in LO multiplier chains allowing reduced parts count vs. traditional approaches.
Electrical Specifi cations, TA = +25 C, Vcc= 5.0V
Parameter Frequency Range, Input Frequency Range, Output Input Power Range Output Power Sub-Harmonic Suppression Input Return Loss Output Return Loss SSB Phase Noise (100 kHz Offset) Supply Current (Icc) Pin= 0 dBm -15 -4 0 22 18 7 -140 55 73 Min. Typ. 3.6 - 4.1 14.4 - 16.4 +5 Max. Units GHz GHz dBm dBm dBc dB dB dBc/Hz mA
7 - 46
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC370LP4 / 370LP4E
v03.0907
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
Output Power vs. Temperature @ -10 dBm Drive Level
4 3 OUTPUT POWER (dBm) OUTPUT POWER (dBm) 2 1 0 -1 -2 -3 -4 -5 -6 14 14.4 14.8 15.2 15.6 16 16.4 16.8 OUTPUT FREQUENCY (GHz)
+25 C +85 C -40 C
Output Power vs. Drive Level
4 3 2 1 0 -1
-20 dBm -15 dBm -10 dBm -5 dBm 0 dBm +5 dBm
7
FREQUENCY MULTIPLIERS - SMT
7 - 47
-2 -3 -4 -5 -6 14 14.4 14.8 15.2 15.6 16 16.4 16.8 OUTPUT FREQUENCY (GHz)
Output Power vs. Supply Voltage @ -10 dBm Drive Level
4 3 OUTPUT POWER (dBm) 2 1 0 -1 -2 -3 -4 -5 -6 14 14.4 14.8 15.2 15.6 16 16.4 16.8 OUTPUT FREQUENCY (GHz)
Vcc=4.5V Vcc=5.0V Vcc=5.5V
Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35 -40 0 1 2 3 4 5 6 FREQUENCY (GHz)
+25 C +85 C -40 C
Output Return Loss vs. Temperature
0
-5 RETURN LOSS (dB)
-10
-15
+25 C +85 C -40 C
-20
-25 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC370LP4 / 370LP4E
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
SSB Phase Noise Performance, Fout= 15.0 GHz
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 2 10
v03.0907
Output Spectrum
10 0
7
FREQUENCY MULTIPLIERS - SMT
-10 -20 -30 -40 -50 -60 0 2 4 6 8 10 12 14 16 18 20 22 24 26 FREQUENCY (GHz)
SSB PHASE NOISE (dBc/Hz)
OUTPUT POWER (dBm)
Pin= 0dBm Pin= -10dBm
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
7 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC370LP4 / 370LP4E
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
Typical Supply Current vs. Vcc
Vcc (V) 4.5 5.0 5.5 Icc (mA) 54 55 57 v03.0907
Absolute Maximum Ratings
RF Input (Vcc= +5V) Vcc Channel Temperature Continuous Pdiss (T=85 C) (derate 8.1 mW/C above 85 C) Thermal Resistance (Rth) (junction to ground paddle) Storage Temperature Operating Temperature +20 dBm +6.0V 150 C 530 mW 123.6 C/W -65 to +150 C -40 to +85 C
Note: Multiplier will operate over full voltage range shown above.
7
FREQUENCY MULTIPLIERS - SMT
7 - 49
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Package Information
Part Number HMC370LP4 HMC370LP4E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H370 XXXX H370 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC370LP4 / 370LP4E
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
v03.0907
Pin Description
Pin Number 1, 2, 5-14, 17, 18, 20-24 Function N/C Description No Connection Interface Schematic
7
FREQUENCY MULTIPLIERS - SMT
3
RFIN
RF input needs to be DC blocked only if there is an external DC voltage applied to RF IN.
4, 15
GND
All ground leads and ground paddle must be soldered to PCB RF/DC ground.
16
RFOUT
Multiplied Output. AC coupled. No external DC blocks necessary.
19
Vcc
Supply voltage 5V 0.5V.
7 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC370LP4 / 370LP4E
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
Evaluation PCB
v03.0907
7
FREQUENCY MULTIPLIERS - SMT
List of Materials for Evaluation PCB 106137 [1]
Item J1 - J3 C1 U1 PCB [2] Description PCB Mount SMA Connector 1,000 pF Capacitor, 0603 Pkg. HMC370LP4 / HMC370LP4E x4 Active Multiplier 104610 Eval Board [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
7 - 51


▲Up To Search▲   

 
Price & Availability of HMC370LP407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X